PART |
Description |
Maker |
2SA1732 0137 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1854 0171 |
PNP Epitaxial Planar Silicon Transistor 20V/5A Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1815 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier, High-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SD1815 2SB1215 |
NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1204 2SD1804 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2022 2SC5610 |
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML From old datasheet system
|
Sanyo Semiconductor Corp SANYO[Sanyo Semicon Device]
|
2SD1826 2SB1224 |
PNP Epitaxial Planar Silicon Darlington Transistors Driver Applications PNP/NPN Epitaxial Planar Silicon Darlington Transistor
|
Sanyo
|
2SD2282 2SB1509 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
UP03312 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
2SA1824 |
PNP Epitaxial Planar Silicon Transistors 50V/5A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|